Part Number Hot Search : 
02100 QRT812F TLP634 EM128L08 2SC42 AP9980GH SC2643VX MM1095BF
Product Description
Full Text Search
 

To Download 1508725UR3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 147 Central Avenue Hackensack, New Jersey 07601 Tel: 201-489-8989 * Fax: 201-489-6911
15087 Series T 2 Telephone Slide Based LED (Short) DESCRIPTION
o 7,1 max.
100
AND
FEATURES
* Replaces incandescent lamp #'s - 12V AC/DC -- 12ESB, 14FSB - 24V AC/DC -- 24CSB, 24ESB - 28V AC/DC -- 28ESB * Extremely high brightness with low current draw * Long life -- typically 100K hours vs. 10K hours * Low heat generation * Available in five standard colors. Custom colors available upon request * Shock and vibration proof * Storage temperature: -25C - +80C * Ambient temperature: -20C - +60C * Due to production tolerances, color temperature variations may be detected within individual consignments
1
*typical luminous spectrum
80 Intensity [%]
TA = 25C lF = 20mA
60
40
23,2 max.
20
0 400 500 600 Wavelength [nm] 700 800
Color coordinates (lF = 20mA; TA = 25C) x = 0,31 0,06 y = 0,32 0,08
polycarbonate colored
E L E C T R O - O P T I C A L C H A R A C T E R I S T I C S A N D R AT I N G S
Part Number Color Voltage V AC/DC 1508725UR3 1508725UG3 1508725UY3 1508725B3 1508725W3 1508725W3D Red Green Yellow Blue White Clear White Diffused 12 12 12 12 12 12 Current mA 7 / 14 7 / 14 7 / 14 7 / 14 7 / 14 7 / 14 Lumi. Intensity mcd 330 910 280 350 700 350 Reverse Voltage V 80 80 80 80 80 80 Dominant Wavelength nm 630 525 587 470 * *
1508735UR3 1508735UG3 1508735UY3 1508735B3 1508735W3 1508735W3D
Red Green Yellow Blue White Clear White Diffused
24 24 24 24 24 24
7 / 14 7 / 14 7 / 14 7 / 14 7 / 14 7 / 14
330 910 280 350 700 350
80 80 80 80 80 80
630 525 587 470 * *
1508745UR3 1508745UG3 1508745UY3 1508745B3 1508745W3 1508745W3D
Red Green Yellow Blue White Clear White Diffused
28 28 28 28 28 28
7 / 14 7 / 14 7 / 14 7 / 14 7 / 14 7 / 14
330 910 280 350 700 350
80 80 80 80 80 80
630 525 587 470 * *
Luminous intensity data of the used LEDs at: IOPtyp.DC
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product.
1-194


▲Up To Search▲   

 
Price & Availability of 1508725UR3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X